Part Number Hot Search : 
SRA2203U DLPT0508 IRF64 SKKD701 AUG04A48 MSB75D SK158 1D1UM
Product Description
Full Text Search
 

To Download CEB-35D26 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  part no: CEB-35D26 description: piezo electric diaphragm phone: 800.275.4899 fax: 503.612.2381 www.cui.com 20050 sw 112th ave. tualatin, or 97062 date: 7/28/2006 unit: mm page no: 1 of 4 specifications maximum input voltage 30 vp-p resonant frequency 2.6 0.5 khz see measurement methods resonant impedance 300 ? max. see measurement methods electrostatic capacitance 30,000 30% pf at 1 khz / 1 v operating temperature -20 ~ +70 c storage temperature -30 ~ +80 c dimensions ?35.0 x h0.53 mm weight 2.0 g max. material brass terminal wire type dc resistance 20 m ? min. fluke 45 rate: fast measurement time: 1 second (only for 20 mm test) rohs yes appearance drawing tolerance: 0.5
part no: CEB-35D26 description: piezo electric diaphragm phone: 800.275.4899 fax: 503.612.2381 www.cui.com 20050 sw 112th ave. tualatin, or 97062 date: 7/28/2006 unit: mm page no: 2 of 4 mechanical characteristics item test condition solderability stripped wires of lead wires are immersed in (connector excepted) rosin for 5 seconds and then immersed in solder bath of 270 5c for 3 0.5 seconds. lead wire pull strength the horizontal force of 3.0n (0.306kg) should be applied to the double lead wire for 30 sec. vibration the diaphragm should be measured after applying a vibration amplitude of 1.5 mm with 10 to 55 hz band of vibration frequency to each of the 3 perpendicular directions for 2 hours. evaluation standard 90% min. of the stripped wires will be wet with solder. (except the edge of the terminal) no damage or cutting off. the value of the resonant frequency should be 10% of the initial measurements. electrostatic capacitance should be 20% compared with the initial measurement. the spl should be within 10db compared with the initial measurement. measuring methods 1) resonant frequency / resonant impedance the piezo electric diaphragm should be clamped at a node point (as shown in the following figure) to be free from any mechanical stress. measure its resonant frequency and resonant impedance by using a vector impedance analyzer or equivalent. when the input frequency is swept within 100 hz to 5 khz, the resonant frequency is defined as the frequency where the impedance shows minimum value. this impedance should be the resonant impedance. 2) static capacitance the electrostatic capacitance should be measured at 120 hz by using an l.c.r. meter (ex. hp4194a(h.p.)) or equivalent. the part should be clamped in the same way as the measurement or resonant frequency / resonant impedance mentioned above.
part no: CEB-35D26 description: piezo electric diaphragm phone: 800.275.4899 fax: 503.612.2381 www.cui.com 20050 sw 112th ave. tualatin, or 97062 date: 7/28/2006 unit: mm page no: 3 of 4 environment test item test condition high temp. test after being placed in a chamber at +80c for 240 hours. low temp. test after being placed in a chamber at -30c for 240 hours. humidity test after being placed in a chamber at +40c and 905% relative humidity for 240 hours. temp. cycle test the part shall be subjected to 5 cycles. one cycle will consist of: evaluation standard the diaphragm will be measured after being placed at +25c for 4 hours. the value of the resonant frequency should be 10%, the value of the electro static capacitance should be 20% compared to the initial measurements. the resonant impedance should be 2,000 ? max. test conditions standard test condition a) tempurature: +5 ~ +35c b) humidity: 45 - 85% c) pressure: 860-1060 mbar judgement test condition a) tempurature: +25 2c b) humidity: 60 - 70% c) pressure: 860-1060 mbar
part no: CEB-35D26 description: piezo electric diaphragm phone: 800.275.4899 fax: 503.612.2381 www.cui.com 20050 sw 112th ave. tualatin, or 97062 date: 7/28/2006 unit: mm page no: 4 of 4 packaging


▲Up To Search▲   

 
Price & Availability of CEB-35D26

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X